Part Number Hot Search : 
C471MPD 3CVTARFB 75002 SHM25UF BS616LV PM4388 SI3452 82131
Product Description
Full Text Search
 

To Download SBR100-10JS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENA0560
SBR100-10JS
SANYO Semiconductors
DATA SHEET
SBR100-10JS
Applications
*
Schottky Barrier Diode (Twin Type * Cathode Common)
100V, 10A Rectifier
High frequency rectification (switching regulators, converters, choppers).
Features
* * * *
Low reverse current. Low switching noise. High reliability due to planar structure. Attachment workability is good by Mica-less package.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Repetitive Peak Reverse Voltage Nonrepetitive Peak Reverse Surge Voltage Average Output Current Surge Forward Current Junction Temperature Storage Temperature Symbol VRRM VRSM IO IFSM Tj Tstg 50Hz resistive load, Tc=107C 50Hz sine wave, 1 cycle Conditions Ratings 100 105 10 80 --55 to +150 --55 to +150 Unit V V A A C C
Electrical Characteristics at Ta=25C
Parameter Reverse Voltage Forward Voltage Reverse Current Interterminal Capacitance Thermal Resistance Symbol VR VF IR C Rth(j-c) Conditions IR=2mA, Tj=25C* IF=5A, Tj=25C* VR=50V, Tj=25C* VR=10V, Tj=25C* Junction-Case : Smoothed DC Ratings min 100 0.85 100 170 4.0 typ max Unit V V A pF C / W
Note) * : Value per element
Any and all SANYO Semiconductor products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO Semiconductor representative nearest you before usingany SANYO Semiconductor products described or contained herein in such applications. SANYO Semiconductor assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor products described or contained herein.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
N0806SD SY IM TC-00000297 No. A0560-1/3
SBR100-10JS
Package Dimensions
unit : mm (typ) 7525-001
Electrical Connection
Anode Anode
10.0
3.5
3.2
4.5 2.8
7.2
Cathode 16.0 3.6
1.6 1.2
14.0
0.75
123
0.7
1 : Anode 2 : Cathode 3 : Anode SANYO : TO-220ML(LS)
2.55
2.55
2.4
7 5 3
IF -- VF
7 5 3 2
IR -- VR
50C typ
Reverse Current, IR -- mA
2
Forward Current, IF -- A
=1 5
0 C
10 7 5 3 2 1.0 7 5 3 2 0.1 0 0.4
10 7 5 3 2 1.0 7 5 3 2 0.1 7 5 3 2
Tj=1
125 100
C typ
C
Tj
25
C typ
typ
75C
0.8
1.2 IT05463
0
20
40
60
80
100
120 IT05464
Forward Voltage, VF -- V
Average Forward Power Dissipation, PF(AV) -- W
Average Reverse Power Dissipation, PR(AV) -- W
14
PF(AV) -- IO
Reverse Voltage, VR -- V
2.5
PR(AV) -- VRM
12
(1)Rectangular wave =60 (2)Rectangular wave =120 (3)Rectangular wave =180 (4)Sine wave =180 (2) (1)
(3) (4)
2.0
10
(1)Rectangular wave =300 (2)Rectangular wave =240 (3)Rectangular wave =180 (4)Sine wave =180
360 VR 180 360
(1)
(2)
8
1.5
Rectangular wave
1.0
(3)
6
4
Rectangular wave
360
Sine wave
0.5
VR
(4)
2
Sine wave
0 0 2 4 6 8 10 180 12
360 14 IT05465
0 0 10 20 30 40 50 60 70 80 90 100 110
Average Output Current, IO -- A
Peak Reverse Voltage, VRM -- V
IT05466
No. A0560-2/3
SBR100-10JS
160
Tc -- IO
Interterminal Capacitance, C -- pF
(1)Rectangular wave =60 (2)Rectangular wave =120 (3)Rectangular wave =180 (4)Sine wave =180
Rectangular wave
360
1000 7 5 3 2
C -- VR
f=100kHz
150
Case Temperature, Tc -- C
140
130
100 7 5 3 2
120
Sine wave
180 360
110
100 90 0
(1)
2 4 6 8
(2) (4)
10
(3)
12 14 IT05467
10 1.0
2
3
5
7
10
2
3
5
Average Output Current, IO -- A
90
Reverse Voltage, VR -- V
7 100 IT05468
Transient Thermal Resistance Rth(j - c) -- C / W
IFSM -- t
Current waveform 50Hz sine wave IS 20ms t
10 7 5 3 2
Rth(j - c) -- t
Surge Forward Current, IFSM(Peak) -- A
80 70 60 50 40 30 20 10 0 0.01
1.0 7 5 3 2
2
3
5
7 0.1
2
3
5
7 1.0
2
3
0.1 0.001 2 3 5 70.01 2 3 5 7 0.1
2 3 5 7 1.0
2 3 5 7 10
23
Time, t -- s
IT05469
Time, t -- s
IT05470
Specifications of any and all SANYO Semiconductor products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Semiconductor Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO Semiconductor products (including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Semiconductor Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO Semiconductor product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. SANYO Semiconductor believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties.
This catalog provides information as of November, 2006. Specifications and information herein are subject to change without notice.
PS No. A0560-3/3


▲Up To Search▲   

 
Price & Availability of SBR100-10JS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X